Part Number Hot Search : 
APE10616 IM100 FM301 2045CT 1510G 200A12S2 090N03 NV73A
Product Description
Full Text Search
 

To Download JMK107BJ106MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rt8016l 1 ds8016l-02 march 2011 www.richtek.com features z z z z z input range : 2.5v to 5.5v z z z z z adjustable output voltage range : 0.6v to v in z z z z z 600ma output current z z z z z efficiency up to 95% z z z z z no schottky diode required z z z z z 1.5mhz fixed-frequency pwm operation z z z z z rohs compliant and haloger free applications z mobile phones z personal information appliances z wireless and dsl modems z mp3 players z portable instruments 1.5mhz, 600ma, high efficiency pwm step-down dc/dc converter general description the rt8016l is a high-efficiency pulse-width-modulated (pwm) step-down dc/dc converter capable of delivering up to 600ma output current over a wide input voltage range from 2.5v to 5.5v. the rt8016l is ideally suited for portable electronic devices that are powered from 1-cell li-ion battery or from other power sources, such as cellular phones, pdas and hand-held devices. two operating modes are available including : pwm/low dropout autoswitch mode and shut-down mode. the internal synchronous rectifier with low r ds(on) dramatically reduces conduction loss at pwm mode. no external schottky diode is required in practical application. the rt8016l enters low dropout mode when normal pwm can not provide regulated output voltage by continuously turning on the upper p-mosfet. the rt8016l enters shut-down mode and consumes less than 0.1 a when the en pin is pulled low. the rt8016l also offers a fixed output voltage with a range from 1v to 3.3v with 0.1v per step or an adjustable output voltage via two external resistors. the switching ripple is easily smoothed out by small package filtering elements due to a fixed operating frequency of 1.5mhz. other features include soft-start, lower internal reference voltage with 2% accuracy, over temperature protection, and over current protection. the ic is available in a wqfn-8l 1.6x1.6 (col) package which allows small pcb area application. pin configurations (top view) marking information ordering information note : richtek products are : ` rohs compliant and compatible with the current require- ments of ipc/jedec j-std-020. ` suitable for use in snpb or pb-free soldering processes. gnd en nc fb/vout gnd vin 7 6 5 1 2 3 nc lx 4 8 wqfn-8l 1.6x1.6 (col) bs : product code w : date code bsw rt8016l- package type qw : wqfn-8l 1.6x1.6 (col) (w-type) lead plating system g : green (halogen free and pb free) output voltage default : adjustable 10 : 1.0v 11 : 1.1v : 32 : 3.2v 33 : 3.3v
rt8016l 2 ds8016l-02 march 2011 www.richtek.com function block diagram typical application circuit figure 1. fixed voltage regulator figure 2. adjustable voltage regulator ? ? ? ? ? ? + = r2 r1 1 x v v ref out with r2 = 300k to 60k so i r2 = 2 a to 10 a, and (r1 x c1) should be in the range between 3x10 -6 and 6x10 -6 for component selection. 4.7f 10f vin lx rt8016l en vout 2.2h 2.5v to 5.5v v in v out c in l 7 5 3 2 1, 6 c out gnd 4.7f 10f vin lx rt8016l en fb 2.2h 2.5v to 5.5v v in v out c in l 7 5 3 2 c out r1 r2 c1 i r2 1, 6 gnd functional pin description pin no. pin name pin function 1, 6 gnd ground pin. 2 en chip enable (active high). 3 vin power input pin 4, 8 nc no internal connection. 5 lx switching pin for step-down converter 7 fb/vout feedback/output voltage pin. c comp r c r s1 r s2 en vin lx fb/vout uvlo & power good detector v ref slope compensation current sense osc & shutdown control current limit detector driver control logic pwm comparator error amplifier gnd current source controller mux current detector
rt8016l 3 ds8016l-02 march 2011 www.richtek.com absolute maximum ratings (note 1) z supply input voltage, v in ----------------------------------------------------------------------------------------------- 6.5v z en, fb pin voltage ------------------------------------------------------------------------------------------------------- ? 0.3v to v in z power dissipation, p d @ t a = 25 c wqfn-8l 1.6x1.6 (col) ------------------------------------------------------------------------------------------------ 0.833w z package thermal resistance (note 2) wqfn-8l 1.6x1.6 (col), ja ------------------------------------------------------------------------------------------- 120 c/w z lead temperature (soldering, 10 sec.) ------------------------------------------------------------------------------- 260 c z storage temperature range -------------------------------------------------------------------------------------------- ? 65 c to 150 c z junction temperature ----------------------------------------------------------------------------------------------------- 150 c z esd susceptibility (note 3) hbm (human body mode) ---------------------------------------------------------------------------------------------- 2kv mm (ma chine mode) ------------------------------------------------------------------------------------------------------ 200v electrical characteristics (v in = 3.6v, v out = 2.5v, v ref = 0.6v, l = 2.2 h, c in = 4.7 f, c out = 10 f, t a = 25 c, i max = 600ma unless otherwise specified) parameter symbol test conditions min typ max unit quiescent current i q i out = 0ma, v fb = v ref + 5% -- 50 70 a shutdown current i shdn en = gnd -- 0.1 1 a reference voltage v ref for adjustable output voltage 0.588 0.6 0.612 v adjustable output range v out (note 6) v ref -- v in ? 0.2v v fix ed v ou t v in = (v out + v) to 5.5v or v in > 2.5v whichever is larger. (note 5) ? 3 -- 3 % output voltage accuracy adjustable v ou t v in = v out + v to 5.5v (note 5) 0a < i ou t < 600ma ? 3 -- 3 % fb input current i fb v fb = v in ? 50 -- 50 na v in = 3.6v -- 0.28 -- p-mosfet r on r ds(on)_p i out = 200ma v in = 2.5v -- 0.38 -- v in = 3.6v -- 0.25 -- n-mosfet r on r ds(on)_n i out = 200ma v in = 2.5v -- 0.35 -- p-channel current limit i lim_p v in = 2.5v to 5.5 v 0.6 1.5 -- a logic high v en_h 1.5 -- v in v en input voltage logic low v en_l -- -- 0.4 v uvlo threshold v uvlo -- 1.8 -- v uv lo h ysteresis v uvlo -- 0.1 -- v oscillator fr equency f osc v in = 3.6v, i out = 100ma 1.2 1.5 1.8 mhz to be continued recommended operating conditions (note 4) z supply input voltage, v in ------------------------------------------------------------------------------------------------ 2.5v to 5.5v z junction temperature range -------------------------------------------------------------------------------------------- ? 40 c to 125 c z ambient temperature range -------------------------------------------------------------------------------------------- ? 40 c to 85 c
rt8016l 4 ds8016l-02 march 2011 www.richtek.com parameter symbol test conditions min typ max unit thermal shutdown temperature t sd -- 160 -- c maximum duty cycle d max 100 -- -- % lx current source v in = 3.6v, v lx = 0v or v lx = 3.6v 1 -- 100 a note 1. stresses listed as the above ? absolute maximum ratings ? may cause permanent damage to the device. these are for stress ratings. functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may remain possibility to affect device reliability. note 2. ja is measured in the natural convection at t a = 25 c on a high effective thermal conductivity four-layer test board of jedec 51-7 thermal measurement standard. note 3. devices are esd sensitive. handling precaution is recommended. note 4. the device is not guaranteed to function outside its operating conditions. note 5. v = i out x p rds(on) note 6. guarantee by design.
rt8016l 5 ds8016l-02 march 2011 www.richtek.com typical operating characteristics output voltage vs. input voltage 1.600 1.625 1.650 1.675 1.700 1.725 1.750 1.775 1.800 1.825 1.850 1.875 1.900 2.53.03.54.04.55.05.5 input voltage (v) output voltage (v) efficiency vs. output current 0 10 20 30 40 50 60 70 80 90 100 0 0.2 0.4 0.6 0.8 1 output current (a) efficiency (%) v in = 3.3v v in =3.6v v in =4.2v v out = 1.8v en threshold vs. input voltage 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) en threshold (v) 1 falling rising v in = 3.6v output voltage vs. output current 1.600 1.625 1.650 1.675 1.700 1.725 1.750 1.775 1.800 1.825 1.850 1.875 1.900 0 0.2 0.4 0.6 0.8 1 output current (a) output voltage (v) v in = 3.3v v in = 3.6v v in = 4.2v output voltage vs. temperature 1.50 1.55 1.60 1.65 1.70 1.75 1.80 1.85 1.90 1.95 2.00 -50 -25 0 25 50 75 100 125 temperature (c) output voltage (v) v in = 3.6v, v out = 1.8v en threshold vs. temperature 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 -50 -25 0 25 50 75 100 125 temperature (c) en threshold (v) 1 falling rising v in = 3.6v
rt8016l 6 ds8016l-02 march 2011 www.richtek.com frequency vs. input voltage 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) frequency (mhz) 1 i out = 100ma frequency vs. temperature 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 -50 -25 0 25 50 75 100 125 temperature(c) frequency(mhz) 1 v in = 3.6v, i out = 100ma input voltage threshold vs. temperature 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 -50 -25 0 25 50 75 100 125 temperature (c) input voltage (v) falling rising i out = 0ma quiescent current vs. temperature 20 25 30 35 40 45 50 55 60 -50 -25 0 25 50 75 100 125 temperature (c) quiescent current ( a) 0 v in = 3.6v current limit vs. input voltage 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 2.5 3.0 3.5 4.0 4.5 5.0 5.5 input voltage (v) output current (a ) v in = 3.6v v in = 3.6v, v out = 1.8v, l out = 100ma time (500 s/div) v en (2v/div) power on from en v out (1v/div) i out (500ma/div)
rt8016l 7 ds8016l-02 march 2011 www.richtek.com time (250 s/div) v en (2v/div) power off from en v out (1v/div) i in (50ma/div) v in = 3.6v, v out = 1.8v, i out = 100ma time (50 s/div) v en (2v/div) power off from en v out (1v/div) i in (500ma/div) v in = 3.6v, v out = 1.8v, i out = 1a v in = 3.6v, i out = 50ma to 1000ma time (500 s/div) v en (2v/div) power on from en v out (1v/div) i in (500ma/div) v in = 3.6v, v out = 1.8v, i out = 1a time (500ns/div) v lx (5v/div) output ripple voltage v out (10mv/div) v in = 3.6v, v out = 1.8v, i out = 1a output voltage (100mv/div) output current (500ma/div) v in = 3.6v, i out = 50ma to 500ma time (100 s/div) load transient response output voltage (100mv/div) output current (500ma/div) time (100 s/div) load transient response
rt8016l 8 ds8016l-02 march 2011 www.richtek.com application information the basic rt8016l application circuit is shown in typical application circuit. external component selection is determined by the maximum load current and begins with the selection of the inductor value and operating frequency followed by c in and c out . inductor selection for a given input and output voltage, the inductor value and operating frequency determine the ripple current. the ripple current i l increases with higher v in and decreases with higher inductance: out out l in vv i x 1 f x l v ?? ?? = ? ?? ?? ?? ?? having a lower ripple current reduces the esr losses in the output capacitors and the output voltage ripple. highest efficiency operation is achieved at low frequency with small ripple current. this, however, requires a large inductor. a reasonable starting point for selecting the ripple current is i l = 0.4(i max ). the largest ripple current occurs at the highest v in . to guarantee that the ripple current stays below a specified maximum, the inductor value should be chosen according to the following equation : out out l(max) in(max) vv l x 1 f x iv ???? =? ???? ???? ???? inductor core selection once the value for l is known, the type of inductor can be selected. high efficiency converters generally cannot afford the core loss found in low cost powdered iron cores, forcing the use of more expensive ferrite or mollypermalloy cores. actual core loss is independent of core size for a fixed inductor value but it is very dependent on the inductance selected. as the inductance increases, core losses decrease. unfortunately, increased inductance requires more turns of wire and therefore copper losses will increase. ferrite designs have very low core losses and are preferred at high switching frequencies, so design goals can concentrate on copper loss and preventing saturation. ferrite core material saturates ? hard ? , which means that inductance collapses abruptly when the peak design current is exceeded. this results in an abrupt increase in inductor ripple current and consequent output voltage ripple. do not allow the core to saturate! different core materials and shapes will change the size/ current and price/current relationship of an inductor. toroid or shielded pot cores in ferrite or permalloy materials are small and don't radiate energy but generally cost more than powdered iron core inductors with similar characteristics. the choice of which style inductor to use mainly depends on the price vs. size requirements and any radiated field/emi requirements. c in and c out selection the input capacitance, c in , is needed to filter the trapezoidal current at the source of the top mosfet. to prevent large ripple voltage, a low esr input capacitor sized for the maximum rms current should be used. rms current is given by : out in rms out(max) in out v v ii 1 vv =? this formula has a maximum at v in = 2v out , where irms = i out /2. this simple worst case condition is commonly used for design because even significant deviations do not offer much relief. note that ripple current ratings from capacitor manufacturers are often based on only 2000 hours of life which makes it advisable to further derate the capacitor, or choose a capacitor rated at a higher temperature than required. several capacitors may also be paralleled to meet size or height requirements in the design. the selection of c out is determined by the effective series resistance (esr) that is required to minimize voltage ripple and load step transients, as well as the amount of bulk capacitance that is necessary to ensure that the control loop is stable. loop stability can be checked by viewing the load transient response as described in a later section. the output ripple, v out , is determined by : out l out 1 viesr 8fc ?? ?? + ?? ?? the output ripple is highest at maximum input voltage since i l increases with input voltage. multiple capacitors placed in parallel may be needed to meet the esr and rms current handling requirements. dry tantalum, special polymer, aluminum electrolytic and ceramic capacitors are
rt8016l 9 ds8016l-02 march 2011 www.richtek.com all available in surface mount packages. special polymer capacitors offer very low esr but have lower capacitance density than other types. tantalum capacitors have the highest capacitance density but it is important to only use types that have been surge tested for use in switching power supplies. aluminum electrolytic capacitors have significantly higher esr but can be used in cost sensitive applications provided that consideration is given to ripple current ratings and long term reliability. ceramic capacitors have excellent low esr characteristics but can have a high voltage coefficient and audible piezoelectric effects. the high q of ceramic capacitors with trace inductance can also lead to significant ringing. using ceramic input and output capacitors higher values, lower cost ceramic capacitors are now becoming available in smaller case sizes. their high ripple current, high voltage rating and low esr make them ideal for switching regulator applications. however, care must be taken when these capacitors are used at the input and output. when a ceramic capacitor is used at the input and the power is supplied by a wall adapter through long wires, a load step at the output can induce ringing at the input, v in . at best, this ringing can couple to the output and be mistaken as loop instability. at worst, a sudden inrush of current through the long wires can potentially cause a voltage spike at v in large enough to damage the part. output voltage programming the resistive voltage divider allows the fb pin to sense a fraction of the output voltage as shown in figure 3. rt8016l gnd fb r1 r2 v out figure 3. setting the output voltage for adjustable voltage mode, the output voltage is set by an external resistive voltage divider according to the following equation : () out ref r1 vv1 r2 =+ where vref is the internal reference voltage (0.6v typ.) efficiency considerations the efficiency of a switching regulator is equal to the output power divided by the input power times 100%. it is often useful to analyze individual losses to determine what is limiting the efficiency and which change would produce the most improvement. efficiency can be expressed as : efficiency = 100% ? (l1+ l2+ l3+ ...) where l1, l2, etc. are the individual losses as a percentage of input power. although all dissipative elements in the circuit produce losses, two main sources usually account for most of the losses : v in quiescent current and i 2 r losses. the v in quiescent current loss dominates the efficiency loss at very low load currents whereas the i 2 r loss dominates the efficiency loss at medium to high load currents. in a typical efficiency plot, the efficiency curve at very low load currents can be misleading since the actual power lost is of no consequence. 1. the vin quiescent current appears due to two factors including : the dc bias current as given in the electrical characteristics and the internal main switch and synchronous switch gate charge currents. the gate charge current results from switching the gate capacitance of the internal power mosfet switches. each time the gate is switched from high to low to high again, a packet of charge q moves from vin to ground. the resulting q/ t is the current out of vin that is typically larger than the dc bias current. in continuous mode, i gatechg = f (q t + q b ) where q t and q b are the gate charges of the internal top and bottom switches. both the dc bias and gate charge losses are proportional to v in and thus their effects will be more pronounced at higher supply voltages. 2. i 2 r losses are calculated from the resistances of the internal switches, r sw and external inductor r l . in continuous mode, the average output current flowing through inductor l is ? chopped ? between the main switch and the synchronous switch. thus, the series resistance
rt8016l 10 ds8016l-02 march 2011 www.richtek.com looking into the lx pin is a function of both top and bottom mosfet r ds(on) and the duty cycle (dc) as follows : r sw = r ds(on)top x dc + r ds(on)bot x (1 ? dc) the r ds(on) for both the top and bottom mosfets can be obtained from the typical operating characteristics curves. thus, to obtain i 2 r losses, simply add r sw to r l and multiply the result by the square of the average output current. other losses including c in and c out esr dissipative losses and inductor core losses generally account for less than 2% of the total loss. checking transient response the regulator loop response can be checked by looking at the load transient response. switching regulators take several cycles to respond to a step in load current. when a load step occurs, v out immediately shifts by an amount equal to i load (esr), where esr is the effective series resistance of c out . i load also begins to charge or discharge c out generating a feedback error signal used by the regulator to return v out to its steady state value. during this recovery time, v out can be monitored for overshoot or ringing which would indicate a stability problem. thermal considerations for continuous operation, do not exceed absolute maximum junction temperature. the maximum power dissipation depends on the thermal resistance of the ic package, pcb layout, rate of surrounding airflow, and difference between junction and ambient temperature. the maximum power dissipation can be calculated by the following formula : p d(max) = (t j(max) ? t a ) / ja where t j(max) is the maximum junction temperature, t a is the ambient temperature, and ja is the junction to ambient thermal resistance. for recommended operating condition specifications of the rt8016l, the maximum junction temperature is 125 c and t a is the ambient temperature. the junction to ambient thermal resistance, ja , is layout dependent. for wqfn- 8l 1.6x1.6 (col) packages, the thermal resistance, ja , is 120 c/w on a standard jedec 51-7 four-layer thermal test board. the maximum power dissipation at t a = 25 c can be calculated by the following formula: p d(max) = (125 c ? 25 c) / (120 c/w) = 0.833w for wqfn-8l 1.6x1.6 (col) package the maximum power dissipation depends on the operating ambient temperature for fixed t j (max) and thermal resistance, ja . for the rt8016l package, the derating curve in figure 4 allows the designer to see the effect of rising ambient temperature on the maximum power dissipation. layout considerations follow the pcb layout guidelines for optimal performance of the rt8016l. ` for the main current paths, keep their traces short and wide. ` put the input capacitor as close as possible to the device pins (vin and gnd). ` lx node is with high frequency voltage swing and should be kept in a small area. keep analog components away from lx node to prevent stray capacitive noise pick-up. ` connect feedback network behind the output capacitors. keep the loop area small. place the feedback components near the rt8016l. ` connect all analog grounds to a common node and then connect the common node to the power ground behind the output capacitors. 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0 25 50 75 100 125 ambient temperature (c) maximum power dissipation (w) 1 four layer pcb ( c) figure 4
rt8016l 11 ds8016l-02 march 2011 www.richtek.com figure 5. fixed voltage regulator layout guide figure 6. adjustable voltage regulator layout guide c out c in l gnd c out should be connected directly from pin 7 to ground the inductor should be placed as close as possible to the switch pin to minimize the noise coupling into other circuits. lx node copper area should be minimized for reducing emi. c in should be placed as closed as possible to the vin pin for good filtering. battery gnd en nc fb/vout gnd vin 7 6 5 1 2 3 nc lx 4 8 c out c in gnd c out should be connected directly from pin 7 to ground the inductor should be placed as close as possible to the switch pin to minimize the noise coupling into other circuits. lx node copper area should be minimized for reducing emi. c in should be placed as closed as possible to the vin pin for good filtering. battery l r1 r2 c1 v out gnd en nc fb/vout gnd vin 7 6 5 1 2 3 nc lx 4 8
rt8016l 12 ds8016l-02 march 2011 www.richtek.com supplier inductance ( m h) current rating (ma) dcr (m w ) dimensions(mm) series taiyo yuden 2.2 1480 60 3.00 x 3.00 x 1.50 nr3015 gotrend 2.2 1500 58 3.85 x 3.85 x 1.80 gtsd32 sumida 2.2 1500 75 4.50 x 3.20 x 1.55 cdrh2d14 sumida 4.7 1000 135 4.50 x 3.20 x 1.55 cdrh2d14 taiyo yuden 4.7 1020 120 3.00 x 3.00 x 1.50 nr3015 gotrend 4.7 1100 146 3.85 x 3.85 x 1.80 gtsd32 table 1. recommended inductors supplier capacitance ( m f) package part number tdk 4.7 0603 c1608jb0j475m murata 4.7 0603 grm188r60j475ke19 taiyo yuden 4.7 0603 jmk107bj475ra taiyo yuden 10 0603 JMK107BJ106MA tdk 10 0805 c2012jb0j106m murata 10 0805 grm219r60j106me19 murata 10 0805 grm219r60j106ke19 taiyo yuden 10 0805 jmk212bj106rd table 2. recommened capacitors for c in and c out
rt8016l 13 ds8016l-02 march 2011 www.richtek.com richtek technology corporation headquarter 5f, no. 20, taiyuen street, chupei city hsinchu, taiwan, r.o.c. tel: (8863)5526789 fax: (8863)5526611 information that is provided by richtek technology corporation is believed to be accurate and reliable. richtek reserves the ri ght to make any change in circuit design, specification or other related things if necessary without notice at any time. no third party intellectual property inf ringement of the applications should be guaranteed by users when integrating richtek products into any application. no legal responsibility for any said applications i s assumed by richtek. richtek technology corporation taipei office (marketing) 5f, no. 95, minchiuan road, hsintien city taipei county, taiwan, r.o.c. tel: (8862)86672399 fax: (8862)86672377 email: marketing@richtek.com outline dimension symbol dimensions in millimeters dimensions in inches min max min max a 0.700 0.800 0.028 0.031 a1 0.000 0.050 0.000 0.002 a3 0.175 0.250 0.007 0.010 b 0.150 0.250 0.006 0.010 d 1.550 1.650 0.061 0.065 e 1.550 1.650 0.061 0.065 e 0.400 0.016 l 0.350 0.450 0.014 0.018 w-type 8l qfn 1.6x1.6 (col) package 1 1 2 2 note : the configuration of the pin #1 identifier is optional, but must be located within the zone indicated. det ail a pin #1 id and tie bar mark options


▲Up To Search▲   

 
Price & Availability of JMK107BJ106MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X